Part Number Hot Search : 
C2501 EP2645 4N37SV SSFP1N60 SMP13 STRG6651 MBR1010 02001
Product Description
Full Text Search
 

To Download MAATSS0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
V 3.00
MAATSS0001
Features
n 5 Bits, 0.5 dB Steps n Excellent Accuracy n Single Positive Control (+3 to +5V) n Small Low Cost QSOP-16 (SSOP-16) Package
Functional Schematic
VC5 VC4 VC3 VC2 VC1
0.5 dB
1 dB
8 dB
Description
The M/A-COM MAATSS0001 is a 0.5 dB step GaAs MMIC digital attenuator with 15.5 dB dynamic range in a low cost QSOP-16 (SSOP-16) package. It requires external DC blocking capacitors on the RF ports, positive supply voltage and five individual bit control voltages. It is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include base stations, wireless data, and wireless local loop gain level control circuits. The MAATSS0001 is fabricated using M/A-COM's GaAs 1.0 micron process. The process features full chip passivation for increased performance and reliability.
RFIN
RFOUT
Absolute Maximum Ratings 1
Parameter Max Input Power 0.5 - 2.5 GHz Operating Temperature Storage Temperature Absolute Maximum +34 dBm -40C to +85C -65C to +150C
1. Operation of this device above any one of these parameters may cause permanent damage.
Electrical Specifications: TA = 25 C, Z0 = 50
Parameter Insertion Loss Conditions -- Frequency 0.5 - 1.8 GHz 1.8 - 2.2 GHz 2.2 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 0.8 GHz 0.8 - 1.8 GHz 1.8 - 2.2 GHz 2.2 - 2.5 GHz 0.5 - 1.8 GHz 1.8 - 2.2 GHz 2.2 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz 0.5 - 2.5 GHz -- -- -- -- -- dB dB dB dB dBm dBm dBm dBm S S mV A A Units dB dB dB Ratio Min. -- -- -- -- Typ. 1.9 2.2 2.5 1.6:1 Max. 2.2 2.5 2.8 1.9:1
VSWR Accuracy
Any State Any State
(0.3 + 4% atten setting) (0.3 + 3% atten setting) (0.3 + 6% atten setting) (0.3 + 8% atten setting) 0.3 0.2 0.1 14.0 19 22 34 43 -- -- -- -- -- -- -- -- 15.0 25 30 36 46 2.14 2.14 62 -- -- 0.8 0.9 1.0 -- -- -- -- -- -- -- -- 40 40
Step Change
Any State
Attenuation Range 1 dB Compression Input Power IP3 Trise, Tfall Ton, Toff Transients Control Voltages
-- +3 V +5 V +3 V Two tones input power up to +5 dBm +5 V Two tones input power up to +5 dBm 10/90% or 90/10% RF 50% CNTL to 90/10% RF In Band +3 V +5 V
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz Pin Out QSOP-16 (SSOP-16)
MAATSS0001
V 3.00
c
PIN 16
XX-XXX YYWWXXX MACOM E1 E L
PIN 1
D A1 A
e
b
Truth Table
Control Inputs VC5 1 0 1 1 1 1 VC4 1 1 0 1 1 1 VC3 1 1 1 0 1 1 VC2 1 1 1 1 0 1 VC1 1 1 1 1 1 0 Attenuation (dB) A Reference A1 0.5 dB b 1 dB c 2 dB D 4 dB e 8 dB E E1 L 0 0.025 basic 0.228 0.150 0.016 -- 0.025 basic 0.236 0.154 0.025 0.025 basic 0.025 basic 0.244 0.157 0.050 -- 0.189 0.193 0.197 0.007 -- 0.010 0.008 -- 0.012 0.004 0.006 0.010 Dimensions Measurement (Inches) Minimum 0.053 Nominal 0.064 Maximum 0.069
1 = Vhigh = (Vs 0.1) V, 0 = (0.0 0.2) V
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0001
V 3.00
Typical Performance Curves
Attenuation Flatness vs. Frequency
4dB 1dB 0.5dB
Attenuation Flatness vs. Frequency
15.5dB 8dB 2dB
Deviation from Attenuation Setting (dB)
0.3 0.2 0.1 0
Deviation from Attenuation Setting (dB)
0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
0
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
-0.1 -0.2 -0.3
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency
2dB 1.4 1.2 0dB 1dB 0.5dB
1.6 1.4 1.2
VSWR vs. Frequency
4dB 8dB 15.5dB
VSWR (ratio)
VSWR (ratio)
0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
1 0.8 0.6 0.4 0.2 0
1 0.8 0.6 0.4 0.2 0 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
+85C 3 -40C +25C
Ordering Information
Part Number MAATSS0001 MAATSS0001TR MAATSS0001-TB Package Bulk Packaging Tape and Reel (1K Reel) Units Mounted on Test Board
Insertion Loss (dB)
2.5 2 1.5 1 0.5 0 0.5 0.7 0.9 1.1
Frequency (GHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
1.3
1.5
1.7
1.9
2.1
2.3
2.5
3


▲Up To Search▲   

 
Price & Availability of MAATSS0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X